Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 485 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 485 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 485 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-65
11.6.1
Requests
An internal or external device’s request for a memory access initiates one of the following patterns
(MxMR[OP] = 00):
•
Read single-beat pattern (RSS)
•
Read burst cycle pattern (RBS)
•
Write single-beat pattern (WSS)
•
Write burst cycle pattern (WBS)
These patterns are described in Section 11.6.1.1, “Memory Access Requests.”
A UPM refresh timer request pattern initiates a refresh timer pattern (PTS), as described in
Section 11.6.1.2, “UPM Refresh Timer Requests.”
An exception (caused by a soft reset or the assertion of TEA) occurring while another UPM pattern is
running initiates an exception condition pattern (EXS).
A special pattern in the RAM array is associated with each of these cycle type. Figure 11-56 shows the
start addresses of these patterns in the UPM RAM, according to cycle type. RUN commands (MxMR[OP]
= 11), however, can initiate patterns starting at any of the 64 UPM RAM words.
Figure 11-56. RAM Array Indexing
Write Single-Beat Request
Read Burst Request
Read Single-Beat Request
Write Burst Request
RAM Array
Refresh Timer Request
Exception Condition Request
RSS
RBS
WSS
WBS
PTS
EXS
64 RAM
Words
Array Index
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com