Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 484 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 484 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 484 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-64
Freescale Semiconductor
Additional control is available in 60x-compatible mode (60x bus only) using the external address latch
enable (ALE). However, ALE is not a UPM-controlled signal; it toggles with chip select signals.
Note that in this section, when a signal is named, the reference is to the 60x or local bus signal, according
to the bank being accessed.
The three user-programmable machines (UPMs) are flexible interfaces that connect to a wide range of
memory devices. At the heart of each UPM is an internal-memory RAM array that specifies the logical
value driven on the external memory controller pins for a given clock cycle. Each word in the RAM array
provides bits that allow a memory access to be controlled with a resolution of up to one quarter of the
external bus clock period on the byte-select and chip-select lines. Figure 11-55 shows the basic operation
of each UPM. The following events initiate a UPM cycle:
•
Any internal or external device requests an external memory access to an address space mapped to
a chip-select serviced by the UPM
•
A UPM refresh timer expires and requests a transaction, such as a DRAM refresh
•
A transfer error or reset generates an exception request
Figure 11-55. User-Programmable Machine Block Diagram
The RAM array contains 64 32-bit RAM words. The signal timing generator loads the RAM word from
the RAM array to drive the general-purpose lines, byte-selects, and chip-selects. If the UPM reads a RAM
word with WAEN set, the external UPMWAIT signal is sampled and synchronized by the memory
controller and the current request is frozen.
When a new access to external memory is requested by any device on the 60x or local bus, the addresses
of the transfer are compared to each one of the valid banks defined in the memory controller. When an
address match is found in one of the memory banks, BRx[MS] selects the UPM to handle this memory
access. MxMR[BSEL] assigns the UPM to the 60x or the local bus.
Note that 60x bus accesses that hit a bank allocated to the local bus are transferred to the local bus.
However, local bus accesses that hit a bank allocated to the 60x bus are ignored.
RUN
command
UPM refresh
timer request
Array
Index
Generator
Internal/external
memory access request
Exception request
Index
Signals
Timing
Generator
Internal
Signals
Latch
Wait
Request
Logic
RAM Array
UPMWAIT
WAEN Bit
Internal Controls
GPL
x, BS_x, CSx
Increment
Index
(LAST = 0)
Hold
(issued in software)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com