Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 488 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 488 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 488 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-68
Freescale Semiconductor
11.6.3
Clock Timing
Fields in the RAM word specify the value of the various external signals at each clock edge. The signal
timing generator causes external signals to behave according to the timing specified in the current RAM
word. Figure 11-58 and Figure 11-59 show the clock schemes of the UPMs in the memory controller for
integer and non-integer clock ratios. The clock phases shown reflect timing windows during which
generated signals can change state. If specified in the RAM, the value of the external signals can be
changed after any of the positive edges of T[1–4], plus a circuit delay time as specified in the Hardware
Specifications.
NOTE
For integer clock ratios, the widths of T1/2/3/4 are equal, for a 1:2.5 clock
ratio, T1 = 4/3*T2 and T3 = 4/3*T4, and for a 1:3.5 clock ratio, the ticks
widths are T1 = 3/2*T2 and T3 = 3/2*T4.
Figure 11-58. Memory Controller UPM Clock Scheme for Integer Clock Ratios
CLKIN
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com