Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 491 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 491 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 491 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-71
Figure 11-61. RAM Array and Signal Generation
11.6.4.1
RAM Words
The RAM word, shown in Figure 11-62, is a 32-bit microinstruction stored in one of 64 locations in the
RAM array. It specifies timing for external signals controlled by the UPM.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Field CST1 CST2
CST3
CST4 BST1 BST2 BST3 BST4
G0L
G0H
G1T1 G1T3 G2T1 G2T3
Reset
—
R/W
R/W
Addr
(MCR[MAD] indirect addressing of 1 of 64 entries
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Field G3T1 G3T3
G4T1/
DLT3
G4T3/
WAEN
G5T1 G5T3
REDO
LOOP EXEN
AMX
NA
UTA TODT LAST
Reset
—
R/W
R/W
Addr
(All 32 bits of the RAM word are addressed as shown in the address row above.)
Figure 11-62. The RAM Word
T1, T2, T3, T4
GPL0
GPL2 GPL3 GPL4 GPL5
External Signals Timing Generator (60x or Local)
RAM Array
CS Line
Selector
Byte Select
Packaging
CS[0–11]
BS
Current Bank
TSIZ, PS, A[30,31]
32 Bits
64
GPL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com