Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 495 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 495 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 495 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-75
Additional information about some of the RAM word fields is provided in the following sections.
11.6.4.1.1
Chip-Select Signals (C
xTx)
If BRx[MS] of the accessed bank selects a UPM on the currently requested cycle the UPM manipulates
the CS signal for that bank with timing as specified in the UPM RAM word. The selected UPM affects
only assertion and negation of the appropriate CS signal. The state of the selected CSx signal of the
corresponding bank depends on the value of each CSTn bit.
28
NA
Next address. Determines when the address is incremented during a burst access.
0 The address increment function is disabled
1 The address is incremented in the next cycle. In conjunction with the BR
x[PS], the increment
value of A[27–31] and/or BADDR[27–31] at the rising edge of T1 is as follows
If the accessed bank has a 64-bit port size, the value is incremented by 8.
If the accessed bank has a 32-bit port size, the value is incremented by 4.
If the accessed bank has a 16-bit port size, the value is incremented by 2.
If the accessed bank has an 8-bit port size, the value is incremented by 1.
Note: The value of NA is relevant only when the UPM serves a burst-read or burst-write request. NA
is reserved under other patterns.
29
UTA
UPM transfer acknowledge. Indicates assertion of PSDVAL, sampled by the bus interface in the
current cycle.
0 PSDVAL is not asserted in the current cycle.
1 PSDVAL is asserted in the current cycle.
30
TODT
Turn-on disable timer. The disable timer associated with each UPM allows a minimum time to be
guaranteed between two successive accesses to the same memory bank. This feature is critical
when DRAM requires a RAS precharge time. TODT, turns the timer on to prevent another UPM
access to the same bank until the timer expires.The disable timer period is determined in
M
xMR[DSx]. The disable timer does not affect memory accesses to different banks.
0 The disable timer is turned off.
1 The disable timer for the current bank is activated preventing a new access to the same bank
(when controlled by the UPMs) until the disable timer expires. For example, precharge time.
Note: TODT must be set together with LAST. Otherwise it is ignored.
31
LAST
Last. If this bit is set, it is the last RAM word in the program. When the LAST bit is read in a RAM
word, the current UPM pattern terminates and the highest priority pending UPM request (if any) is
serviced immediately in the external memory transactions. If the disable timer is activated and the
next access is top the same bank, the execution of the next UPM pattern is held off for the number
of clock cycles specified in MxMR[DSx].
0 The UPM continues executing RAM words.
1 The service to the UPM request is done.
Table 11-36. RAM Word Bit Settings (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com