Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 496 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 496 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 496 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-76
Freescale Semiconductor
Figure 11-63 and the timing diagrams in Figure 11-60 show how UPMs control CS signals.
Figure 11-63. CS Signal Selection
11.6.4.1.2
Byte-Select Signals (B
xTx)
BRx[MS] of the accessed memory bank selects a UPM on the currently requested cycle. The selected UPM
affects only the assertion and negation of the appropriate BS signal; its timing as specified in the RAM
word. The BS signals are controlled by the port size of the accessed bank, the transfer size of the
transaction, and the address accessed. Figure 11-64 shows how UPMs control BS signals.
Figure 11-64. BS Signal Selection
The uppermost byte select (BS0) indicates that D[0–7] contains valid data during a cycle. Likewise, BS1
indicates that D[8–15] contains valid data, BS2 indicates that D[16–23] contains valid data, and BS3
indicates that D[24–31] contains valid data during a cycle, and so forth. Note that for a refresh timer
request, all the BS signals are asserted/negated by the UPM.
UPMA/B/C
SDRAM
GPCM
MUX
BRx[MS]
CS3
CS4
CS5
CS6
CS7
CS8
Switch
Bank Selected
CS9
CS10
CS11
CS0
CS1
CS2
UPMA
MUX
MS/BS
BS0
BS1
BS2
BS3
Bank Selected
BRx[PS]
A[29–31]
TSIZ
Byte-Select
Logic
UPMB
UPMC
BS4
BS5
BS6
BS7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com