Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 499 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 499 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 503Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 499 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-79
Figure 11-65. UPM Read Access Data Sampling
11.6.4.4
Signals Negation
When the LAST bit is read in a RAM word, the current UPM pattern terminates. On the next cycle all the
UPM signals are negated unconditionally (driven to logic ‘1’).
This negation will not occur only if there is a back-to-back UPM request pending. In this case the signals
value on the cycle following the LAST bit, will be taken from the first line of the pending UPM routine.
11.6.4.5
The Wait Mechanism
The WAEN bit in the RAM array word, shown in Table 11-36., can be used to enable the UPM wait
mechanism in selected UPM RAM words. Note that the WAEN bit needs to be set in two consecutive UPM
words to get the desired operation.
If the UPM reads a RAM word with the WAEN bit set, the external UPMWAIT signal is sampled by the
memory controller in the following cycle and the request is frozen. The UPMWAIT signal is sampled at
the rising edge of CLKIN. If UPMWAIT is asserted and WAEN = 1 in the previous UPM word, the UPM
is frozen until UPMWAIT is negated. The value of the external pins driven by the UPM remains as
indicated in the previous word read by the UPM. When UPMWAIT is negated, the UPM continues its
normal functions. Note that during the wait cycles, the UPM negates PSDVAL.
Figure 11-66 shows how the WAEN bit in the word read by the UPM and the UPMWAIT signal are used
to hold the UPM in a particular state until UPMWAIT is negated. As the example in Figure 11-66 shows,
the CSx and GPL1 states (C12 and F) and the WAEN value (C) are frozen until UPMWAIT is recognized
as deasserted. WAEN is typically set before the line that contain UTA = 1.
To internal
data bus
CLKIN
UPMx selected to handle the transfer
AND
(GPL4xDIS = 1) and RD/WR and DLT2x
Data Bus
M
U
L
T
I
P
L
E
X
E
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com