Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 501 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 501 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 505Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 501 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-81
This means that the address bus should be partitioned as shown in Table 11-39.
From the device perspective, during RAS assertion, its address port should look like Table 11-40:
Table 11-38 indicates that to multiplex A[8–19] over A[17–28], choose AMx= 001.
Table 11-41 shows the register configuration. Not shown are PURT and MPTPR, which should be
programmed according to the device refresh requirements.
11.6.6
Differences Between the MPC8xx UPM and MPC82xx UPM
Users familiar with the MPC8xx UPM should read this section first.
Below is a list of the major differences between the MPC8xx devices and the MPC82xx:
•
First cycle timing transferred to the UPM array—In the MPC8xx’s UPM, the first cycle value of
some of the signals is determined from ORx[SAM,G5LA,G5LS]. This is eliminated in the
MPC8280. All signals are controlled only by the pattern written to the array.
•
Timing of GPL[0–5]—In the MPC8xx’s UPM, the GPL lines could change on the positive edge of
T2 or T3. In the MPC8280 these signals can change in the positive edge of T1 or T3 to allow
connection to high-speed synchronous devices such as burst SRAM.
•
UPM controlled signals negated at end of an access—In the MPC8xx’s UPM, if the user did not
negate the UPM signals at end of an access, those signals kept their previous value. In the
PowerQUICC II, all UPM signals are negated (CS,BS,GPL[0:4] driven to logic 1 and GPL5 driven
Table 11-39. 60x Address Bus Partition
A[0–7]
A[8–19]
A[20–28]
A[29–31]
msb of start address
Row
Column
lsb
Table 11-40. DRAM Device Address Port during an ACTIVATE command
“A[0–16]”
A[17–28]
A[29–31]
—
Row (A[8–19])
n.c.
Table 11-41. Register Settings
Register
Settings
BRx
BA msb of base address
PS 00 = 64-bit port size
DECC00
WP0
MS 100 = UPMA
EMEMC0
ATOM00
DR 0
V1
OR
x
AM 1111_1111_0000_0000_0 = 16 Mbyte
BI 0
EHTR0
M
xMR
BSEL0 = 60x bus
RFEN1
OP 00
AM 001
DSAAs needed
G0CLAN/A
GPL_A4DIS0
RLFAAs needed
WLFAAs needed
TLFAAs needed
MADN/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com