Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 497 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 497 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 501Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 497 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-77
11.6.4.1.3
General-Purpose Signals (G
xTx, GOx)
The general-purpose signals (GPL[1–5]) each have two bits in the RAM word that define the logical value
of the signal to be changed at the rising edge of T1 and/or at the rising edge of T3. GPL0 offer
enhancements beyond the other GPLx lines.
GPL0 can be controlled by an address line specified in MxMR[G0CLx]. To use this feature, set G0H and
G0L in the RAM word. For example, for a SIMM with multiple banks, this address line can be used to
switch between banks.
11.6.4.1.4
Loop Control
The LOOP bit in the RAM word (bit 24) specifies the beginning and end of a set of UPM RAM words that
are to be repeated. The first time LOOP = 1, the memory controller recognizes it as a loop start word and
loads the memory loop counter with the corresponding contents of the loop field shown in Table 11-37..
The next RAM word for which LOOP = 1 is recognized as a loop end word. When it is reached, the loop
counter is decremented by one.
Continued loop execution depends on the loop counter. If the counter is not zero, the next RAM word
executed is the loop start word. Otherwise, the next RAM word executed is the one after the loop end word.
Loops can be executed sequentially but cannot be nested.
11.6.4.1.5
Repeat Execution of Current RAM Word (REDO)
The REDO function is useful for wait-state insertion in a long UPM routine that would otherwise need too
many RAM words. Setting the REDO bits of the RAM word to a nonzero value to cause the UPM to
reexecute the current RAM word up to three times, according to Table 11-36.
Special care must be taken in the following cases:
•
When UTA and REDO are set together, PSDVAL is asserted the number of times specified by the
REDO function.
•
When LOOP and REDO are set together, the loop mechanism works as usual and the line is
repeated according to the REDO function.
•
LAST and REDO should not be set together.
•
REDO should not be used within the exception routine.
Figure 11-79 shows an example of REDO use.
Table 11-37. M
xMR Loop Field Usage
Request Serviced
Loop Field
Read single-beat cycle
RLFx
Read burst cycle
RLFx
Write single-beat cycle
WLFx
Write burst cycle
WLFx
Refresh timer expired
TLFx
RUN
command
RLFx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com