Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 494 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 494 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 494 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-74
Freescale Semiconductor
20
G5T1
General-purpose line 5 timing 1. Defines the state of GPL5 during phase 1–2.
0 The value of the GPL5 line at the rising edge of T1 will be 0
1 The value of the GPL5 line at the rising edge of T1 will be 1
21
G5T3
General-purpose line 5 timing 3. Defines the state of GPL5 during phase 3–4.
0 The value of the GPL5 line at the rising edge of T3 will be 0
1 The value of the GPL5 line at the rising edge of T3 will be 1
22–23
REDO Redo current RAM word. See “Section 11.6.4.1.5, “Repeat Execution of Current RAM Word
(REDO).”
00 Normal operation
01 The current RAM word is executed twice.
10 The current RAM word is executed tree times.
11 The current RAM word is executed four times.
Note: For Rev A.1 and forward: for any value other than 00, do not use REDO on two consecutive
CPM RAM words. The second word will not execute.
24
LOOP
Loop. The first RAM word in the RAM array where LOOP is 1 is recognized as the loop start word.
The next RAM word where LOOP is 1 is the loop end word. RAM words between the start and end
are defined as the loop. The number of times the UPM executes this loop is defined in the
corresponding loop field of the M
xMR.
0 The current RAM word is not the loop start word or loop end word.
1 The current RAM word is the start or end of a loop.
See Section 11.6.4.1.4, “Loop Control.”
25
EXEN
Exception enable. If an external device asserts TEA or RESET, EXEN allows branching to an
exception pattern at the exception start address (EXS) at a fixed address in the RAM array.
When the MPC8280 under UPM control begins accessing a memory device, the external device
may assert TEA or SRESET. An exception occurs when one of these signals is asserted by an
external device and the MPC8280 begins closing the memory cycle transfer. When one of these
exceptions is recognized and EXEN in the RAM word is set, the UPM branches to the special
exception start address (EXS) and begins operating as the pattern defined there specifies. See
Table 11-35.. The user should provide an exception pattern to deassert signals controlled by the
UPM in a controlled fashion. For DRAM control, a handler should negate RAS and CAS to prevent
data corruption. If EXEN = 0, exceptions are deferred and execution continues. After the UPM
branches to the exception start address, it continues reading until the LAST bit is set in the RAM
word.
0 The UPM continues executing the remaining RAM words.
1 The current RAM word allows a branch to the exception pattern after the current cycle if an
exception condition is detected. The exception condition can be an external device asserting TEA
or SRESET.
26–27
AMX
Address multiplexing. Determines the source of A[0–31] at the rising edge of t1 (single-MPC8280
mode only). See Section 11.6.4.2, “Address Multiplexing.”
00 A[0–31] is the non-multiplexed address. For example, column address.
01 Reserved.
10 A[0–31] is the address requested by the internal master multiplexed according to M
xMR[AMx].
For example, row address.
11 A[0–31] is the contents of MAR. Used for example, during SDRAM mode initialization.
Table 11-36. RAM Word Bit Settings (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com