Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 493 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-73
12
G1T1
General-purpose line 1 timing 1. Defines the state of GPL1 during phase 1–2.
0 The value of the GPL1 line at the rising edge of T1 will be 0
1 The value of the GPL1 line at the rising edge of T1 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
13
G1T3
General-purpose line 1 timing 3. Defines the state of GPL1 during phase 3–4.
0 The value of the GPL1 line at the rising edge of T3 will be 0
1 The value of the GPL1 line at the rising edge of T3 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
14
G2T1
General-purpose line 2 timing 1. Defines the state of GPL2 during phase 1–2.
0 The value of the GPL2 line at the rising edge of T1 will be 0
1 The value of the GPL2 line at the rising edge of T1 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
15
G2T3
General-purpose line 2 timing 3. Defines the state of GPL2 during phase 3–4.
0 The value of the GPL2 line at the rising edge of T3 will be 0
1 The value of the GPL2 line at the rising edge of T3 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
16
G3T1
General-purpose line 3 timing 1. Defines the state of GPL3 during phase 1–2.
0 The value of the GPL3 line at the rising edge of T1 will be 0
1 The value of the GPL3 line at the rising edge of T1 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
17
G3T3
General-purpose line 3 timing 3. Defines the state of GPL3 during phase 3–4.
0 The value of the GPL3 line at the rising edge of T3 will be 0
1 The value of the GPL3 line at the rising edge of T3 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
18
G4T/
DLT2
General-purpose line 4 timing 1/delay time 2. The function is determined by M
xMR[GPLx4DIS].
G4T1
If M
xMR defines UPMWAITx/GPL_x4 as an output (GPL_x4), this bit functions as G4T1:
0 The value of the GPL4 line at the rising edge of T1 will be 0
1 The value of the GPL4 line at the rising edge of T1 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
DLT3
If M
xMR[GPLx4DIS] = 1, UPMWAITx is chosen and this bit functions as DLT3.
0 In the current word, indicates that the data bus should be sampled at the rising edge of T1 (if a
read burst or a single read service is executed).
1 In the current word, indicates that the data bus should be sampled at the rising edge of T3 (if a
read burst or a single read service is executed).
For an example, see Section 11.6.4.3, “Data Valid and Data Sample Control.”
19
G4T3/
WAEN
General-purpose line 4 timing 3/wait enable. Function depends on the value of M
xMR[GPLx4DIS].
G4T3
If M
xMR[GPLx4DIS] = 0, G4T3 is selected.
0 The value of the GPL4 line at the rising edge of T3 will be 0
1 The value of the GPL4 line at the rising edge of T3 will be 1
WAEN If M
xMR[GPLx4DIS] = 1, WAEN is selected. See Section 11.6.4.5, “The Wait Mechanism.”
0 The UPMWAITx function is disabled.
1 A freeze in the external signal’s logical value occurs if the external wait signal is detected
asserted. This condition lasts until UPMWAITx is negated.
Table 11-36. RAM Word Bit Settings (continued)
Bit
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com