Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 489 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 489 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 489 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-69
Figure 11-59. Memory Controller UPM Clock Scheme for Non-Integer (2.5:1/3.5:1)
Clock Ratios
The state of the external signals may change (if specified in the RAM array) at any positive edge of T1,
T2, T3, or T4 (there is a propagation delay specified in the Hardware Specifications). Note however that
only the CS signal corresponding to the currently accessed bank is manipulated by the UPM pattern when
it runs. The BS signal assertion and negation timing is also specified for each cycle in the RAM word;
which of the four BS signals are manipulated depends on the port size of the specified bank, the external
address accessed, and the value of TSIZn. The GPL lines toggle as programmed for any access that
initiates a particular pattern, but resolution of control is limited to T1 and T3.
Figure 11-60 shows how CSx, GPL1, and GPL2 can be controlled. A word is read from the RAM that
specifies on every clock cycle the logical bits CST1, CST2, CST3, CST4, G1T1, G1T3, G2T1, and G2T3.
These bits indicate the electrical value for the corresponding output pins at the appropriate timing.
CLKIN
T1
T2
T3
T4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com