Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 486 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 486 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 486 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-66
Freescale Semiconductor
Table 11-35 show the start address of each pattern.
11.6.1.1
Memory Access Requests
When an internal device requests a new access to external memory, the address of transfer is compared to
each valid bank defined in BRx. The value in BRx[MS] selects the UPM to handle the memory access. The
user must ensure that the UPM is appropriately initialized before a request.
The UPM supports two types of memory reads and writes:
•
A single-beat transfer transfers one operand consisting of up to double word. A single-beat cycle
starts with one transfer start and ends with one transfer acknowledge.
•
A burst transfer transfers four double words. For 64-bit accesses, the burst cycle starts with one
transfer start but ends after four transfer acknowledges. A 32-bit device requires 8 data
acknowledges; an 8-bit device requires 32. See Section 11.2.13, “Partial Data Valid Indication
(PSDVAL).”
The MPC8280 defines two additional transfer sizes: bursts of two and three double words. These accesses
are treated by the UPM as back-to-back, single-beat transfers.
11.6.1.2
UPM Refresh Timer Requests
Each UPM contains a refresh timer that can be programmed to generate refresh service requests of a
particular pattern in the RAM array. Figure 11-57 shows the hardware associated with memory refresh
timer request generation. PURT defines the period for the timers associated with UPMx on the 60x bus and
LURT defines it on the local bus. See Section 11.3.8, “60x Bus-Assigned UPM Refresh Timer (PURT),”
and Section 11.3.9, “Local Bus-Assigned UPM Refresh Timer (LURT).”
Figure 11-57. Memory Refresh Timer Request Block Diagram
All 60x bus refreshes are done using the refresh pattern of UPMA. This means that if refresh is required
on the 60x bus, UPMA must be assigned to the 60x bus and MAMR[RFEN] must be set. It also means that
Table 11-35. UPM Routines Start Addresses
UPM Routine
Routine Start Address
Read single-beat (RSS)
0x00
Read burst (RBS)
0x08
Write single-beat (WSS)
0x18
Write burst (WBS)
0x20
Refresh timer (PTS)
0x30
Exception condition (EXS)
0x3C
60x bus assigned UPM
Local bus assigned UPM
Bus
Divide by PURT
PTP Prescaling
Divide by LURT
refresh timer request
refresh timer request
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com