Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 482 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 482 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 478Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 479Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 480Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 481Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 482Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 482 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-62
Freescale Semiconductor
Figure 11-54. External Termination of GPCM Access
11.5.3
Boot Chip-Select Operation
Boot chip-select operation allows address decoding for a boot ROM before system initialization. The CS0
signal is the boot chip-select output; its operation differs from the other external chip-select outputs on
system reset. When the MPC8280 internal core begins accessing memory at system reset, CS0 is asserted
for every address in the boot address range, unless an internal register is accessed. The address range is
configured during reset.
The boot chip-select also provides a programmable port size during system reset by using the
configuration mechanism described in Section 5.4, “Reset Configuration.” The boot chip-select does not
provide write protection. CS0 operates this way until the first write to OR0 and it can be used as any other
chip-select register once the preferred address range is loaded into BR0. After the first write to OR0, the
boot chip-select can be restarted only on hardware reset. Table 11-33 describes the initial values of the boot
bank in the memory controller.
Table 11-33. Boot Bank Field Values after Reset
Register
Setting
BR0
BA
From hard reset configuration word. See Section 5.4.1, “Hard Reset Configuration Word.”
PS
From hard reset configuration word. See Section 5.4.1, “Hard Reset Configuration Word.”
DECC
0
WP
0
MS
000
EMEMC From hard reset configuration word. See Section 5.4.1, “Hard Reset Configuration Word.”
V1
Clock
Address
BCTL
x
CS
OE
D
GTA
PSDVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com