Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 487 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 487 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 483Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 484Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 485Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 486Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 487Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 487 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-67
only one refresh routine should be programmed for the 60x bus and be placed in UPMA, which serves as
the 60x bus refresh executor. If refresh is not required on the 60x bus, UPMA can be assigned to any bus.
All local bus refreshes are done using the refresh pattern of UPMB. This means that if refresh is required
on the local bus, UPMB must be assigned to the local bus and MBMR[RFEN] must be set. It also means
that only one refresh routine should be programmed for the local bus, and be placed in UPMB, which
serves as the local bus refresh executor. If refresh is not required on the local bus, UPMB can be assigned
to any bus.
UPMC can be assigned to any bus; there is no need to program its refresh routine because it will use the
one in UPMA or UPMB, according to the bus to which it is assigned.
11.6.1.3
Software Requests—RUN Command
Software can start a request to the UPM by issuing a RUN command to the UPM. Some memory devices
have their own signal handshaking protocol to put them into special modes, such as self-refresh mode.
Other memory devices require special commands to be issued on their control signals, such as for SDRAM
initialization.
For these special cycles, the user creates a special RAM pattern that can be stored in any unused areas in
the UPM RAM. Then the RUN command is used to run the cycle. The UPM runs the pattern beginning at
the specified RAM location until it encounters a RAM word with its LAST bit set. The RUN command is
issued by setting MxMR[OP] = 11 and accessing the UPMx memory region with a single-byte transaction.
Note that the pattern must contain exactly one assertion of PSDVAL (UTA bit in the RAM word, described
in Table 11-36.), otherwise bus time-out may occur.
11.6.1.4
Exception Requests
When the MPC8280 under UPM control initiates an access to a memory device, the external device may
assert TEA or SRESET. The UPM provides a mechanism by which memory control signals can meet the
timing requirements of the device without losing data. The mechanism is the exception pattern that defines
how the UPM deasserts its signals in a controlled manner.
11.6.2
Programming the UPMs
The UPM is a microsequencer that requires microinstructions or RAM words to generate signal timings
for different memory cycles. Follow these steps to program the UPMs:
1. Set up BRx and ORx.
2. Write patterns into the RAM array.
3. Program MPTPR and L/PURT if refresh is required.
4. Program the machine mode register (MxMR).
Patterns are written to the RAM array by setting MxMR[OP] = 01 and accessing the UPM with a single
byte transaction. See Figure 11-11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com