Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 492 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 492 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 488Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 489Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 490Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 491Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 492Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 493Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 492 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-72
Freescale Semiconductor
Table 11-36 describes RAM word fields.
Table 11-36. RAM Word Bit Settings
Bit
Name
Description
0
CST1
Chip-select timing 1. Defines the state of CS during clock phase 1.
0 The value of the CS line at the rising edge of T1 will be 0
1 The value of the CS line at the rising edge of T1 will be 1
See Section 11.6.4.1.1, “Chip-Select Signals (CxTx).”
1
CST2
Chip-select timing 2. Defines the state of CS during clock phase 2.
0 The value of the CS line at the rising edge of T2 will be 0
1 The value of the CS line at the rising edge of T2 will be 1
2
CST3
Chip-select timing 3. Defines the state of CS during clock phase 3.
0 The value of the CS line at the rising edge of T3 will be 0
1 The value of the CS line at the rising edge of T3 will be 1
3
CST4
Chip-select timing4. Defines the state of CS during clock phase 4.
0 The value of the CS line at the rising edge of T4 will be 0
1 The value of the CS line at the rising edge of T4 will be 1
4
BST1
Byte-select timing 1. Defines the state of BS during clock phase 1.
0 The value of the BS lines at the rising edge of T2 will be 0
1 The value of the BS lines at the rising edge of T2 will be 1
The final value of the BS lines depends on the values of BRx[PS], the TSIZ lines, and A[30–31] for
the access. See Section 11.6.4.1.2, “Byte-Select Signals (BxTx).”
5
BST2
Byte-select timing 2. Defines the state of BS during clock phase 2.
0 The value of the BS lines at the rising edge of T2 will be 0
1 The value of the BS lines at the rising edge of T2 will be 1
The final value of the BS lines depends on the values of BRx[PS], TSIZ
x, and A[30–31] for the
access.
6
BST3
Byte-select timing 3. Defines the state of BS during clock phase 3.
0 The value of the BS lines at the rising edge of T3 will be 0
1 The value of the BS lines at the rising edge of T3 will be 1
The final value of the BS lines depends on the values of BR
x[PS], TSIZx, and A[30–31] for the
access.
7
BST4
Byte-select timing 4. Defines the state of BS during clock phase 4.
0 The value of the BS lines at the rising edge of T4 will be 0
1 The value of the BS lines at the rising edge of T4 will be 1
The final value of the BS lines depends on the values of BRx[PS], TSIZ
x, and A[30–31] for the
access.
8–9
G0L
General-purpose line 0 lower. Defines the state of GPL0 during phases 1–2.
00 The value of GPL0 at the rising edge of T1 is as defined in M
xMR[G0CL]
10 The value of the GPL0 line at the rising edge of T1 will be 0
11 The value of the GPL0 line at the rising edge of T1 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”
10–11
G0H
General-purpose line 0 higher. Defines the state of GPL0 during phase 3–4.
00 The value of GPL0 at the rising edge of T3 is as defined in M
xMR[G0CL]
10 The value of the GPL0 line at the rising edge of T3 will be 0
11 The value of the GPL0 line at the rising edge of T3 will be 1
See Section 11.6.4.1.3, “General-Purpose Signals (GxTx, GOx).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com