Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 498 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 498 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 494Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 495Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 496Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 497Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 498Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 502Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 498 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-78
Freescale Semiconductor
11.6.4.2
Address Multiplexing
The address lines can be controlled by the pattern the user provides in the UPM. The address multiplex
bits can choose between outputting an address requested by the internal master as is and outputting it
according to the multiplexing specified by the MxMR[AMx]. The last option is to output the contents of
the MAR on the address pins.
Note that in 60x-compatible mode, MAR cannot be output on the 60x bus external address line.
Note that on the local bus, only the lower 18 bits of the MAR are output.
Also, note that for the UPM address multiplexing to work, if the UPM is on the 60x bus, PSDMR[PBI]
needs to be zero. If the UPM is on the local bus, LSDMR[PBI] needs to be zero. This means that UPM
address multiplexing does not work when the SDRAM controller is on the same bus and PBI is set to one.
Table 11-38 shows how MxMR[AMx] settings affect address multiplexing.
See Section 11.6.5, “UPM DRAM Configuration Example,” for more details.
11.6.4.3
Data Valid and Data Sample Control
When a read access is handled by the UPM and the UTA bit is 1, the value of the DLT3 bit in the same
RAM word indicates when the data input is sampled by the internal bus master, assuming that
MxMR[GPLx4DIS] = 1.
•
If G4T4/DLT3 functions as DLT3 and DLT3 = 1 in the RAM word, data is latched on the falling
edge of CLKIN instead of the rising edge. The data is sampled by the internal master on the next
rising edge as is required by the MPC8280 bus operation spec. This feature lets the user speed up
the memory interface by latching data 1/2 clock early, which can be useful during burst reads. This
feature should be used only in systems without external synchronous bus devices.
•
If G4T4/DLT3 functions as G4T4, data is latched on the rising edge of CLKIN, as is normal in
MPC8280 bus operation.
Figure 11-65 shows data sampling that is controlled by the UPM.
Table 11-38. UPM Address Multiplexing
AM
x
External Bus
Address Pin
A16 A17 A18 A19 A20 A21 A22 A23 A24 A25 A26 A27 A28 A29 A30 A31
000
Signal Driven
on External
Pin when
Address
Multiplexing
is Enabled
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22 A23
001
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21 A22
010
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20 A21
011
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19 A20
100
—
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18 A19
101
—
—
A5
A6
A7
A8
A9
A10 A11 A12 A13 A14 A15 A16 A17 A18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com