Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 503 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 503 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 499Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 500Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 501Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 502Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 503Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 504Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 505Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 506Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 507Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-83
After timings are created, programming the UPM continues with translating these timings into tables
representing the RAM array contents for each possible cycle. When a table is completed, the global
parameters of the UPM must be defined for handling the disable timer (precharge) and the refresh timer
relative to Figure 11-67. Table 11-42 shows settings of different fields.
The OR and BR of the specific bank must be initialized according to the address mapping of the DRAM
device used. The MS field should indicate the specific UPM selected to handle the cycle. The RAM array
of the UPM can than be written through use of the MxMR[OP] = 11. Figure 11-56 shows the first locations
addressed by the UPM, according to the different services required by the DRAM.
Table 11-42. UPMs Attributes Example
Explanation
Field
Value
Machine select UPMA
BR
x[MS]
0b100
Port size 64-bit
BR
x[PS]
0b00
No write protect (R/W)
BR
x[WP]
0b0
Refresh timer value (1024 refresh cycles)
PURT[PURT]
0x0C
Refresh timer enable
M
xMR[RFEN]
0b1
Address multiplex size
M
xMR[AMx]
0b010
Disable timer period
M
xMR[DSx]
0b01
Select between GPL4 and UPMWAIT = GPL4 data sample at clock rising edge
M
xMR[GPL_x4DIS]
0b0
Burst inhibit device
OR
x[BI]
0b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com