Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 511 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 511 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 507Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 508Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 515Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 511 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-91
•
If GPL_4 is not used as an output, the performance for a page read access can be improved by
setting MxMR[GPL_x4DIS]. The following example shows how the burst read access to FPM
DRAM (no LOOP) can be modified using this feature. In this case the configuration registers are
defined in the following way.
The timing diagram in Figure 11-75 shows how the burst-read access shown in Figure 11-70 can be
reduced.
Table 11-43. UPMs Attributes Example
Explanation
Field
Value
Machine select UPMA
BR
x[MS]
0b100
Port size 64-bit
BR
x[PS]
0b00
No write protect (R/W)
BR
x[WP]
0b0
Refresh timer value (1024 refresh cycles)
PURT[PURT]
0x0C
Refresh timer enable
M
xMR[RFEN]
0b1
Address multiplex size
M
xMR[AMx]
0b010
Disable timer period
M
xMR[DSx]
0b01
Select between GPL4 and UPMWAIT = UPMWAIT, data sampled at clock
negative edge
M
xMR[GPL_x4DIS]
0b1
Burst inhibit device
OR
x[BI]
0b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com