Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 513 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 513 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 509Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 510Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 511Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 512Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 513Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 514Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 515Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 516Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 517Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 513 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-93
11.7.0.1
EDO Interface Example
Figure 11-76 shows a memory connection to extended data-out type devices. For this connection, GPL1
is connected to the memory device’s OE pins.
Figure 11-76. MPC8280/EDO Interface Connection to the 60x Bus
Table 11-44 shows the programming of the register field for supporting the configuration shown in
Figure 11-76. The example assumes a CLKIN frequency of 66 MHz and that the device needs a
1,024-cycle refresh every 10 µs.
Table 11-44. EDO Connection Field Value Example
Explanation
Field
Value
Machine select UPMA
BR
x[MS]
0b100
Port size 64-bit
BR
x[PS]
0b00
No write protect (R/W)
BR
x[WP]
0b0
Refresh timer prescaler
MPTPR
0x04
Refresh timer value (1024 refresh cycles)
PURT[PURT]
0x07
Refresh timer enable
M
xMR[RFEN]
0b1
Address multiplex size
M
xMR[AMx]
0b001
Disable timer period
M
xMR[DSx]0b10
Burst inhibit device
OR
x[BI]
0b
0
RAS
CASl/h
W
MCM516165
1M x 16
16
A[0–9]
D[0–15]
16
MPC8280
BS[0–7]
CS1
R/W
A[19–28]
D[0–63]
16
16
OE
RAS
CASl/h
W
MCM516165
1M x 16
A[0–9]
D[0–15]
OE
RAS
CASl/h
W
MCM516165
1M x 16
A[0–9]
D[0–15]
OE
RAS
CASl/h
W
MCM516165
1M x 16
A[0–9]
D[0–15]
OE
GPL1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com