Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 545 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 545 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 544Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 545Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 546Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 547Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 549Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 545 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
IV-3
•
Chapter 40, “I2C Controller,” describes the MPC8280 implementation of the inter-integrated
circuit (I2C®) controller, which allows data to be exchanged with other I2C devices, such as
microcontrollers, EEPROMs, real-time clock devices, and A/D converters.
•
Chapter 41, “Parallel I/O Ports,” describes the four general-purpose I/O ports A–D. Each signal in
the I/O ports can be configured as a general-purpose I/O signal or as a signal dedicated to
supporting communications devices, such as SMCs, SCCs. MCCs, and FCCs.
Suggested Reading
This section lists additional reading that provides background for the information in this manual as well as
general information about the PowerPC architecture.
MPC82xx Documentation
Supporting documentation for the MPC8280 can be accessed through the world-wide web at
www.freescale.com. This documentation includes technical specifications, reference materials, and
detailed applications notes.
Architecture Documentation
Documentation is available in the following document:
•
Programming environments manuals—These books provide information about resources defined
by the PowerPC architecture that are common to processors that implement the PowerPC
architecture. There are two versions, one that describes the functionality of the combined 32- and
64-bit architecture models and one that describes only the 32-bit model.
— Programming Environments for 32-Bit Implementations of the PowerPC Architecture, Rev. 3
(Freescale order #: MPCFPE32B/AD)
For a current list of documentation, refer to http://www.freescale.com.
Conventions
This document uses the following notational conventions:
Bold entries in figures and tables showing registers and parameter RAM should
be initialized by the user.
mnemonics
Instruction mnemonics are shown in lowercase bold.
italics
Italics indicate variable command parameters, for example, bcctrx.
Book titles in text are set in italics.
0x0
Prefix to denote hexadecimal number
0b0
Prefix to denote binary number
rA, rB
Instruction syntax used to identify a source GPR
rD
Instruction syntax used to identify a destination GPR
Bold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com