Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 541 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 541 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 544Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 545Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 541 / 1386 page
background image
IEEE 1149.1 Test Access Port
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
13-7
The parallel output of the instruction register is set to all ones in the test-logic-reset controller state. Notice
that this preset state is equivalent to the BYPASS instruction. During the capture-IR controller state, the
parallel inputs to the instruction shift register are loaded with the CLAMP command code.
13.5
MPC8280 Restrictions
The control afforded by the output enable signals using the boundary-scan register and the EXTEST
instruction requires a compatible circuit-board test environment to avoid device-destructive
configurations. The user must avoid situations in which the MPC8280’s output drivers are enabled into
actively driven networks.
13.6
Nonscan Chain Operation
In nonscan chain operation, the TCK input does not include an internal pull-up resistor and should be tied
high or low to preclude mid-level inputs.
To ensure that the scan chain test logic is kept transparent to the system logic, the TAP controller is forced
into the test-logic-reset state. This is done inside the chip by connecting TRST to PORESET
TMS should remain logic high, so that the TAP controller does not leave the test-logic-reset state.
1
1
1
1
0
0
0
0
HI–Z
Provided as a manufacturer’s optional public instruction to
avoid back driving the output pins during circuit-board testing.
When HI-Z is invoked all output drivers, including the two-state
drivers, are turned off (high impedance). The instruction
selects the bypass register.
1
1
1
100
01
CLAMP and
BYPASS
CLAMP selects the single-bit bypass register as shown in the
BYPASS instruction figure above, and the state of all signals
driven from the system output pins is completely defined by the
data previously shifted into the boundary scan register. For
example, using the SAMPLE/PRELOAD instruction.
1 B0 (lsb) is shifted first.
Table 13-2. Instruction Decoding (continued)
Code1
Instruction
Description
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com