Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 540 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 540 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 543Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 544Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 540 / 1386 page
background image
IEEE 1149.1 Test Access Port
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
13-6
Freescale Semiconductor
parallel outputs during the update-IR controller state. The four bits are used to decode the five unique
instructions listed in Table 13-2.
Table 13-2. Instruction Decoding
Code1
Instruction
Description
B7
B6
B5
B4
B3
B2
B1
B0
0
0
0
0
0
0
0
0
EXTEST
External test. Selects the 475-bit boundary scan register.
EXTEST also asserts an internal reset for the MPC8280’s
system logic to force a known beginning internal state while
performing external boundary scan operations. By using the
TAP, the register is capable of scanning user-defined values
into the output buffers, capturing values presented to input
pins, sampling this data into the boundary scan register (device
revision B.3 and later), and controlling the output drive of
three-state output or bidirectional pins. For more details on the
function and use of EXTEST, refer to the IEEE 1149.1
standard.
1
1
0
0
0
0
0
0
SAMPLE/
PRELOAD
Initializes the boundary scan register output cells before the
selection of EXTEST. This initialization ensures that known
data appears on the outputs when entering an EXTEST
instruction. SAMPLE/PRELOAD also provides a chance to
obtain a snapshot of system data and control signals.
NOTE: Since there is no internal synchronization between the
TCK and CLKOUT, the user must provide some form of
external synchronization between the JTAG operation at TCK
frequency and the system operation CLKOUT frequency to
achieve meaningful results.
1
1
1
1
1
1
1
1
BYPASS
The BYPASS instruction creates a shift register path from TDI
to the bypass register and, finally, to TDO, circumventing the
475-bit boundary scan register. This instruction is used to
enhance test efficiency when a component other than the
MPC8280 becomes the device under test. It selects the
single-bit bypass register as shown below.
When the bypass register is selected by the current instruction,
the shift register stage is cleared on the rising edge of TCK in
the capture-DR controller state. Thus, the first bit to be shifted
out after selecting the bypass register is always a logic zero.
1
1
MUX
G1
C
D
To TDO
From TDI
0
Shift DR
Clock DR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com