Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 536 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 536 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 540Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 536 / 1386 page
background image
IEEE 1149.1 Test Access Port
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
13-2
Freescale Semiconductor
Figure 13-1. Test Logic Block Diagram
The TAP consists of the signals in Table 13-1.
.
13.2
TAP Controller
The TAP controller is responsible for interpreting the sequence of logical values on the TMS signal. It is
a synchronous state machine that controls the operation of the JTAG logic. The value shown adjacent to
each bubble represents the value of the TMS signal sampled on the rising edge of the TCK signal.
Figure 13-2 shows the state machine.
Table 13-1. TAP Signals
Signal
Description
TCK
Test clock input to synchronize the test logic
TMS
Test mode select input (with an internal pull-up resistor) that is sampled on the rising edge of TCK to
sequence the TAP controller’s state machine
TDI
Test data input (with an internal pull-up resistor) that is sampled on the rising edge of TCK
TDO
Data output that can be three-stated and actively driven in the shift-IR and shift-DR controller states. TDO
changes on the falling edge of TCK.
TRST
Asynchronous reset with an internal pull-up resistor that provides initialization of the TAP controller and other
logic required by the standard
Boundary Scan Register
Bypass
M
U
X
Instruction Apply & Decode Register
8–Bit Instruction Register
M
U
X
TDO
TDI
TMS
TCK
TRST
TAP Controller
80



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com