Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 533 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 533 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 533 / 1386 page
background image
Secondary (L2) Cache Support
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
12-7
•
BCR[L2D] = 0—L2 response time. In this case, the L2 will claim a bus transaction one clock cycle
after TS assertion.
•
BCR[APD] = 1: This parameter is not L2 specific, but should consider the L2 ARTRY assertion
timing.
See Section 4.3.2.1, “Bus Configuration Register (BCR),” for more details about these parameters.
12.3
System Requirements When Using the L2 Cache Interface
The following requirements apply to MPC8280-based systems that implement an external L2 cache:
•
For systems that use copy-back mode, all cachable memory regions must be marked as global in
the CPU’s MMU and the CPM. This causes the assertion of the GBL signal on every cachable
transaction. Systems that use write-through mode (or ECC/Parity mode) have no such restriction.
•
All cachable memory regions must have a 64-bit port size.
•
All cachable memory regions must not set the BRx[DR] bit.
•
All cachable memory regions must not use ECC or parity unless the external L2 is connected as
described in Section 12.1.3, “ECC/Parity Mode.”
•
All non-cachable memory regions must be marked as caching-inhibited in the CPU’s MMU. This
causes the assertion of the CI signal on every non-cachable transaction. Note that the MPC8280’s
internal space (IMMR) and any memory banks assigned to the local bus are always considered
non-cachable.
12.4
L2 Cache Operation
When configured for an L2 cache (BCR[L2C] = 1), the MPC8280 samples the L2_HIT input signal when
the delay time programmed in BCR[L2D] expires. For 60x bus cycles, if L2_HIT is asserted, the external
L2 cache drives AACK and TA to complete the transaction without the MPC8280 initiating a system
memory transfer.
The external L2 cache can assert ARTRY to retry 60x bus cycles, and can request the bus by asserting BR
to perform L2 cast-out operations. The arbiter grants the address and data bus to the external L2 cache by
asserting BG and DBG, respectively. If the external L2 cache asserts ARTRY, it should not assert L2_HIT.
For more information about the timing and behavior of the MPC2605 integrated L2 cache, refer to the
MPC2605 data sheet.
12.5
Timing Example
Figure 12-4. shows a read access performed by the MPC8280 with an externally controlled L2 cache. For
the first transaction (A0), the MPC8280 grants the bus and asserts TS with the address and address transfer
attributes. In this example, BCR[L2D] = 0, which means that L2_HIT is valid one clock cycle after the
assertion of TS. The MPC8280 samples L2_HIT when L2D expires. In the second transaction (A1), the
access misses in the L2 cache and the memory controller starts the transaction a minimum of three cycles
after the assertion of TS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com