Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 535 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 535 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 539Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 535 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
13-1
Chapter 13
IEEE 1149.1 Test Access Port
The MPC8280 provides a dedicated user-accessible test access port (TAP) that is fully compatible with the
IEEE 1149.1 Standard Test Access Port and Boundary Scan Architecture. Problems associated with testing
high-density circuit boards have led to development of this proposed standard under the sponsorship of the
Test Technology Committee of IEEE and the Joint Test Action Group (JTAG). The MPC8280’s
implementation supports circuit-board test strategies based on this standard.
The TAP consists of five dedicated signal pins—a 16-state TAP controller and two test data registers. A
boundary scan register links all device signal pins into a single shift register. The test logic, which is
implemented using static logic design, is independent of the device system logic. The MPC8280’s
implementation provides the capability to do the following:
•
Perform boundary scan operations to check circuit-board electrical continuity.
•
Bypass the MPC8280 for a given circuit-board test by effectively reducing the boundary scan
register to a single cell.
•
Sample the MPC8280 system pins during operation and transparently shift out the result in the
boundary-scan register.
•
Disable the output drive to pins during circuit-board testing.
NOTE
Precautions must be observed to ensure that the IEEE 1149.1-like test logic
does not interfere with nontest operation.
13.1
Overview
The MPC8280’s implementation includes a TAP controller, a 4-bit instruction register, and two test
registers (a 1-bit bypass register and a 475-bit boundary scan register). Figure 13-1 shows an overview of
the MPC8280’s scan chain implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com