Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 532 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 532 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 534Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 532 / 1386 page
background image
Secondary (L2) Cache Support
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
12-6
Freescale Semiconductor
Figure 12-3. External L2 Cache in ECC/Parity Mode
12.2
L2 Cache Interface Parameters
The L2 cache interface parameters in the bus configuration register (BCR) control the configuration and
operation of the MPC8280’s L2 interface. The parameters should be configured as follows:
•
BCR[EBM] = 1—MPC8280 in 60x-compatible mode.
•
BCR[L2C] = 1—L2 cache is present.
TS, TT[0–4], TBST
A[0–31]
CI, GBL, TA, DBB, TEA
CPU_BR, CPU_BG, CPU_DBG
D[0–63],DP[0–7]
MPC8280
TS, TT[0–4], TBST
CI, GBL, TA, DBB, TEA
AACK, ARTRY
AACK, ARTRY
CPU_BR,CPU_BG,CPU_DBG
L2_CLAIM
L2_HIT
A[0–28]
D[0–63], DP[0–7]
Memory Controller
SDRAM Main Memory
Latch
MUX
I/O Devices
MPC2605
TSIZE[0]
(pull down)
WT
(pull down)
TSIZ[0–2]
(pull downs)
A[29–31]
(pull downs)
BR
DBG
L2BR
L2DBG
BG
L2BG
(pull up)
(pull up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com