Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 530 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 530 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 531Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 532Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 533Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 534Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 530 / 1386 page
background image
Secondary (L2) Cache Support
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
12-4
Freescale Semiconductor
Figure 12-2. External L2 Cache in Write-Through Mode
12.1.3
ECC/Parity Mode
ECC/parity mode is a subset of write-through mode with some connection changes that allow the L2 cache
to support ECC or Parity. The connection changes are:
•
The MPC8280’s DP[0:7] signals are connected to the L2 cache’s DP[0:7] signals.
•
The L2’s TSIZ[0:2] signals are pulled down to always indicate 8-byte transaction size.
•
The L2’s A[29:31] signals are pulled down.
BR
DBG
TS, TT[0:4], TBST, TSIZ[1–3]
A[0–31]
CI, GBL, TA, DBB, TEA
CPU_BR, CPU_BG, CPU_DBG
D[0–63]
MPC8280
L2BR
L2DBG
TS, TT[0–4], TBST, TSIZ[0–2]
CI, GBL, TA, DBB, TEA
AACK, ARTRY
AACK, ARTRY
CPU_BR,CPU_BG,CPU_DBG
L2_CLAIM
L2_HIT
A[0–31]
D[0–63]
Memory Controller
SDRAM Main Memory
Latch
MUX
I/O Devices
MPC2605
BG
L2BG
TSIZ[0]
(pull down)
WT
(pull down)
(pull up)
(pull up)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com