Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 527 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 527 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 527Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 528Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 529Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 530Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 531Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 527 / 1386 page
background image
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
12-1
Chapter 12
Secondary (L2) Cache Support
The MPC8280 has features to support an externally controlled secondary (L2) cache such as the Freescale
MPC2605 integrated secondary cache for microprocessors that implement the PowerPC architecture. This
chapter describes the MPC8280’s L2 cache interface—configurations, operation, programmable
parameters, system requirements, and timing.
12.1
L2 Cache Configurations
The MPC8280 supports three L2 cache configurations—copy-back mode, write-through mode, and
ECC/parity mode. The following sections describe the L2 cache modes.
12.1.1
Copy-Back Mode
The use of a copy-back L2 cache offers several advantages over direct access to the memory system. In
copy-back mode, cacheable write operations are performed to the L2 cache without updating main
memory. Since every cacheable write operation does not go to main memory but to the L2 cache which
can be accessed more quickly, write operation latency is reduced along with contention for the memory
system. In copy-back mode, cacheable read operations that hit in the L2 cache are serviced from the L2
cache without requiring a memory transaction and its associated latency. Copy-back mode offers the
greatest performance of all the L2 cache modes.
Copy-back L2 cache blocks implement a dirty bit in their tag RAM, which indicates whether the contents
of the L2 cache block have been modified from that in main memory. During L2 cache line replacement,
L2 cache blocks that have been modified (dirty) are written back to memory; unmodified (not dirty) L2
cache blocks are invalidated and overwritten without being written back to memory.
Copy-back mode requires that the L2 cache is able to initiate copy-backs to main memory. To do this, the
L2 cache must act as a bus master and implement the bus arbitration signals BR, BG, and DBG. The
MPC8280 can also support additional bus masters (60x or MPC8280-type) in copy-back mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com