Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 523 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 523 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 526Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 527Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 523 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-103
is sampled in the GPCM or after each READ/WRITE command in the SDRAM machine (the SDRAM
machine uses BADDR only for port sizes of 16 or 8 bits).
11.9.5
External Masters Timing
External and internal masters have similar memory access timings. However, because it takes more time
to decode the addresses of external masters, memory accesses by external masters start one cycle later than
those of internal masters.
As soon as the external master asserts TS, the memory controller compares the address with each of its
defined valid banks. If a match is found, the memory controller asserts the address latch enable (ALE) and
control signals to the memory devices. The memory controller asserts PSDVAL for each data beat to
indicate data beat termination on write transactions and data valid on read transactions.
The 60x bus is pipelined. The ALE pins control the external latch that latches the address from the 60x bus
and keeps the address stable for the memory access. The memory controller asserts ALE only on the start
of new memory controller access.
Figure 11-84 shows the pipelined bus operation in 60x-compatible mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com