Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 522 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 522 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 525Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 526Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
11-102
Freescale Semiconductor
There are two types of external bus masters:
•
Any 60x-compatible device with a 64-bit data bus, such as an MPC603e, MPC604e, MPC750, or
an MPC2605 (L2 cache) in copy-back mode
•
MPC8280
Both of these external bus master types can access a slave MPC8280’s internal registers and dual-port
RAM. They can also use the slave’s memory controller to access memory devices on the 60x bus. An
external master has access to the slave’s local bus via the slave’s 60x-to-local bus bridge.
11.9.1
60x-Compatible External Masters (non-MPC8280)
A non-MPC8280 external master can perform only 64-bit port accesses when using a slave MPC8280’s
memory controller for memory devices assigned to the 60x bus. Also, ECC or RMW-parity are not
supported.
For 60x bus compatibility, the following connections should be observed:
•
MPC8280’s TSIZ[1–3] should be connected to the external master’s TSIZ[0–2]
•
MPC8280’s TSIZ[0] should be pulled down
•
MPC8280’s PSDVAL should be pulled up
11.9.2
MPC8280 External Masters
An MPC8280 external master is a 60x-compatible master with additional functionality. As described in
the following, it has fewer the restrictions than other 60x-compatible masters:
•
Any port size is allowed
•
ECC and RMW-parity are supported
11.9.3
Extended Controls in 60x-Compatible Mode
In 60x-compatible mode, the memory controller provided extended controls for the glue logic. The
extended control consists of the following:
•
Memory address latch (ALE) to latch the 60x address for memory use
•
The address multiplex pin (GPL5/SDAMUX), which controls external multiplexing for DRAM
and SDRAM devices
•
LSB address pins (BADDR[27–31]) for incrementing memory addresses
•PSDVAL as a termination to a partial transaction (such as port-size beat access).
11.9.4
Address Incrementing for External Bursting Masters
BADDR[27–31] should be used to generate addresses to memory devices for burst accesses. In
60x-compatible mode, when a master initiates an external bus transaction, it reflects the value of A[27–31]
on the first clock cycle of the memory access. These signals are latched by the memory controller and on
subsequent clock cycles, BADDR[27–31] increments as programmed in the UPM or after each data beat



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com