Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 521 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 521 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 517Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 518Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 519Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 520Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 521Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 522Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 523Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 524Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 525Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 521 / 1386 page
background image
Memory Controller
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
11-101
11.8
Handling Devices with Slow or Variable Access Times
The memory controller provides two ways to interface with slave devices that are very slow (access time
is greater than the maximum allowed by the user programming model) or cannot guarantee a predefined
access time (for example some FIFO, hierarchical bus interface, or dual-port memory devices). These
mechanisms are as follows:
•
The wait mechanism—Used only in accesses controlled by the UPM. Setting MxMR[GPLx4DIS]
enables this mechanism.
•
The external termination (GTA) mechanism is used only in accesses controlled by the GPCM.
ORx[SETA] specifies whether the access is terminated internally or externally.
The following examples show how the two mechanisms work.
11.8.1
Hierarchical Bus Interface Example
Assume that the core initiates a local-bus read cycle that addresses main memory connected to the system
bus. The hierarchical bus interface accepts local bus requests and generates a read cycle on the system bus.
The programmer cannot predict when valid data can be latched by the core because a DMA device may
be occupying the system bus.
•
The wait solution (UPM)—The external module asserts UPMWAIT to the memory controller to
indicate that data is not ready. The memory controller synchronized this signal because the wait
signal is asynchronous. As a result of the wait signal being asserted, the UPM enters a freeze mode
at the rising edge of CLKIN upon encountering the WAEN bit being set in the UPM word. The
UPM stays in that state until UPMWAIT is negated. After UPMWAIT is negated, the UPM
continues executing from the next entry to the end of the pattern (LAST bit is set).
•
The external termination solution (GPCM)—The bus interface module asserts GTA to the memory
controller when it can sample data. Note that GTA is also synchronized.
11.8.2
Slow Devices Example
Assume that the core initiates a read cycle from a device whose access time exceeds the maximum allowed
by the user programming model.
•
The wait solution (UPM)—The core generates a read access from the slow device. The device in
turn asserts the wait signal until the data is ready. The core samples data only after the wait signal
is negated.
•
The external termination solution (GPCM)—The core generates a read access from the slow
device, which must generate the asynchronous GTA when it is ready.
11.9
External Master Support (60x-Compatible Mode)
The memory controller supports internal and external bus masters. Accesses from the core or the CPM are
considered internal; accesses from an external bus master are external.
External bus master support is available only if the MPC8280 is placed in 60x-compatible mode by setting
BCR[EBM]; see Section 4.3.2.1, “Bus Configuration Register (BCR).”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com