Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 539 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 539 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 535Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 536Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 537Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 538Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 539Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 540Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 541Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 542Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 543Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 539 / 1386 page
background image
IEEE 1149.1 Test Access Port
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
13-5
Figure 13-5. Output Control Cell (IO.CTL)
Figure 13-6. General Arrangement of Bidirectional Pin Cells
The control bit value controls the output function of the bidirectional pin. One or more bidirectional data
cells can be serially connected to a control cell. Bidirectional pins include two scan cell for data (IO.Cell)
as shown in Figure 13-6 and these bits are controlled by the cell shown in Table 13-5.
13.4
Instruction Register
The MPC8280 JTAG implementation includes the public instructions (EXTEST, SAMPLE/PRELOAD,
and BYPASS) and also supports the CLAMP instruction. One additional public instruction (HI-Z) can be
used to disable all device output drivers. The MPC8280 includes an 8-bit instruction register (no parity)
that consists of a shift register with four parallel outputs. Data is transferred from the shift register to the
1
1
MUX
G1
1
1
MUX
G1
C
D
C
D
From Last Cell
Clock DR
Update DR
Shift DR
1 — EXTEST | Clamp
To Output
Buffer
0 — Otherwise
To Next Cell
Output Control
Logic
from System
I/O
Pin
From Last Cell
Output Data
Input Data
Output Enable
I.OBS
EN
from System Logic
O.PIN
I/O.CTL
To Next Pin Pair
To Next Cell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com