Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 552 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 552 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 548Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 549Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-2
Freescale Semiconductor
— Binary synchronous communication (BISYNC)
— Totally transparent operation
•
Two full-duplex serial management controllers (SMCs) support the following protocols:
— GCI (ISDN interface) monitor and C/I channels
— UART
— Transparent operation
•
Serial peripheral interface (SPI) support for master or slave
•I2C bus controller
•
Time-slot assigner supports multiplexing of data from any of the SCCs, FCCs, SMCs, and MCCs
onto eight time-division multiplexed (TDM) interfaces. The time-slot assigner supports the
following TDM formats:
— T1/CEPT lines
—T3/E3
— Pulse code modulation (PCM) highway interface
— ISDN primary rate
— Freescale interchip digital link (IDL)
— General circuit interface (GCI)
— User-defined interfaces
•
Eight TC layers between the TDMs and FCC2 (MPC8280 only)
•
Eight independent baud rate generators (BRGs)
•
Four general-purpose 16-bit timers or two 32-bit timers
•
General-purpose parallel ports—sixteen parallel I/O lines with interrupt capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com