Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 554 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 554 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 550Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 551Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 552Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 553Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 558Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 554 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-4
Freescale Semiconductor
14.3
Communications Processor (CP)
The communications processor (CP), also called the RISC microcontroller, is a 32-bit controller for the
CPM that resides on a separate bus from the core and, therefore, can perform tasks independent of the
G2_LE core. The CP handles lower-layer communications tasks and DMA control, freeing the core to
handle higher-layer activities. The CP works with the peripheral controllers and parallel port to implement
user-programmable protocols and manage the serial DMA (SDMA) channels that transfer data between
the I/O channels and memory. It also manages the IDMA (independent DMA) channels and contains an
internal timer used to implement up to 16 additional software timers.
The CP’s architecture and instruction set are optimized for data communications and data processing
required by many wire-line and wireless communications standards.
14.3.1
CPM Performance Evaluation
Because the CP is a single shared resource used by all of the CPM’s communications peripherals, the
combined service requests from all of the communications peripherals must not exceed the CP’s capacity.
The amount of processing required by a particular communications peripheral depends on the mode in
which the peripheral is configured and the maximum rate at which the channel requests service. To
determine if CPM performance and bus bandwidth consumption of a given configuration is valid, users
should consult the “MPC8280 CPM Performance Evaluator,” which is located under “Application
Software” on a device’s product page at www.freescale.com.
14.3.2
Features
The following is a list of the CP’s important features.
•
One system clock cycle per instruction
•
32-bit instruction object code
•
Executes code from internal ROM or RAM
•
32-bit ALU data path
•
64-bit dual-port RAM access
•
Optimized for communications processing
•
Performs DMA bursting of serial data from/to dual-port RAM to/from external memory. Note that
IDMA cannot burst to dual-port RAM.
ATM access
ATM
FEnet
FEnet
E3 or E1’s E3 or E1’s ATM
UART
GSM mobile
switching center
E1’s
FEnet or
ATM
Backbone
10 M
HDLC
10 M
HDLC
1 Not on the MPC8270 and the MPC8275.
Table 14-1. Possible MPC8280 Applications (continued)
Application
MCC11
MCC2
FCC1
FCC2
FCC3 SCC1 SCC2 SCC3 SCC4 SMC1 SMC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com