Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 558 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 558 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 554Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 558 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-8
Freescale Semiconductor
14.3.6
Execution from RAM
The CP has an option to execute microcode from a portion of user RAM located in the dual-port RAM. In
this mode, the CP fetches instructions from both the dual-port RAM and its own private ROM. This mode
allows Freescale to add new protocols or enhancements to the MPC8280 in the form of RAM microcode
packages. If preferred, the user can obtain binary microcode from Freescale and load it into the dual-port
RAM.
14
FCC2 receive
15
FCC2 transmit
16
FCC3 receive
17
FCC3 transmit
18
SCC1 receive
19
SCC1 transmit
20
SCC2 receive
21
SCC2 transmit
22
SCC3 receive
23
SCC3 transmit
24
SCC4 receive
25
SCC4 transmit
26
IDMA[1–4] emulation (option 2)1
27
SMC1 receive
28
SMC1 transmit
29
SMC2 receive
30
SMC2 transmit
31
SPI receive
32
SPI transmit
33
I
2C receive
34
I
2C transmit
35
RISC timer table
36
IDMA[1–4] emulation (option 3)1
1
The priority of each IDMA channel is programmed independently. See the
RCCR[DR
xQP] description in Section 14.3.7, “RISC Controller Configuration
Register (RCCR).”
2 Not on MPC8270 and MPC8275
Table 14-2. Peripheral Prioritization (continued)
Priority
Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com