Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 560 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 560 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 560 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-10
Freescale Semiconductor
14.3.8
RISC Time-Stamp Control Register (RTSCR)
The RISC time-stamp control register (RTSCR), shown in Figure 14-4, configures the RISC time-stamp
timer (RTSR). The time-stamp timer is used by the ATM and the HDLC controllers. For application
examples, see Section 31.5.3, “ABR Flow Control Setup,” and Section 37.6, “HDLC Mode Register
(FPSMR).”
12
EIE
External interrupt enable. When EIE is set, DREQ1 acts as an external interrupt to the CP.
Configure as instructed in the download process of a Freescale-supplied RAM microcode
package.
0 DREQ1 cannot interrupt the CP.
1 DREQ1 will interrupt the CP.
Note: If EIE = 1, DR1M must be reset. No external interrupt occurs otherwise.
Note: External CPM RISC interrupt must be connected to DREQ1 and DREQ4.
13
SCD
Scheduler configuration. Configure as instructed in the download process of a Freescale-supplied
RAM microcode package.
0 Normal operation
1 Alternate configuration of the scheduler, according to bit 19 (in the ERAM field):
If RCCR[19] = 0, the jump table starts at dual-port RAM address 0x0000.
If RCCR[19] = 1, the jump table starts at dual-port RAM address 0x4000.
16–19
ERAM
Enable RAM microcode. Configure this field as instructed during the downloading process of a
Freescale-supplied RAM microcode package. Otherwise, it should not be used.
0000 Disable microcode program execution from the internal RAM.
0100 Microcode is executed from the Instruction RAM.
Other combinations of these bits are not valid and must not be used.
20, 21,
22, 23
EDM
x
Edge detect mode. DREQ
x asserts as follows:
0 Low-to-high change
1 High-to-low change
Note: When DRxM is set to level mode:
0 DRxM is active high
1 DRxM is active low.
28
DEM12
Edge detect mode for DONE[1, 2] for IDMA[1, 2]. See Section 19.7.2, “DONEx.” DONE[1, 2]
asserts as follows:
0 High-to-low change
1 Low-to-high change
29
DEM34
Edge detect mode for DONE[3, 4] for IDMA[3, 4]. See Section 19.7.2, “DONEx.” DONE[3, 4]
asserts as follows:
0 High-to-low change
1 Low-to-high change
Table 14-3. RISC Controller Configuration Register Field Descriptions (continued)
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com