Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 563 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 563 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 563 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-13
Table 14-6 describes CPCR fields.
Table 14-6. CP Command Register Field Descriptions
Bit
Name
Description
0
RST
Software reset command. Set by the core and cleared by the CP. When this command is executed,
RST and FLG bit are cleared within two general system clocks. The CPM reset routine is
approximately 60 clocks long, but the user can begin initialization of the CPM immediately after
this command is issued.
RST is useful when the core wants to reset the registers and parameters for all the channels
(FCCs, SCCs, SMCs, SPI, I
2C, MCC) as well as the CP and RISC timer tables. However, this
command does not affect the serial interface (SI
x) or parallel I/O registers.
1–5
PAGE
Indicates the parameter RAM page number associated with the sub-block being served. See the
SBC description for page numbers.
6–10
SBC
Sub-block code. Set by the core to specify the sub-block on which the command is to operate. Set
according to OPCODE[28-31]. Refer to Table 13-7.
Sub-block
Code
Page
Sub-block
Code
Page
FCC11
01110: ATM transmit
(OPCODE = 1010)
10000: all other commands
00100
SPI
01010
01001
FCC21
01110: ATM transmit
(OPCODE = 1010)
10001: all other commands
00101
I2C
01011
01010
FCC3
10010
00110
Timer
01111
01010
SCC1
00100
00000
MCC12
11100
00111
SCC2
00101
00001
MCC2
11101
01000
SCC3
00110
00010
IDMA1
10100
00111
SCC4
00111
00011
IDMA2
10101
01000
SMC1
01000
00111
IDMA3
10110
01001
SMC2
01001
01000
IDMA4
10111
01010
RAND
01110
01010
USB
10011
01011
11–14
—
Reserved
15
FLG
Command semaphore flag. Set by the core and cleared by the CP.
0 The CP is ready to receive a new command.
1 The CPCR contains a command that the CP is currently processing. The CP clears this bit at
the end of command execution or after reset.
16–17
—
Reserved
18–25
MCN
MCC channel number. Specifies the channel number in the case of an MCC command.
In FCC protocols, this field contains the protocol code as follows:
0x00 HDLC, Transparent
0x0A ATM3
0x0C Ethernet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com