Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 565 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 565 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 565 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-15
NOTE
If a reserved command is issued, the CPM enters an unknown state that
requires an external reset to recover.
The commands in Table 14-7 are described in Table 14-8.
1001
—
—
——
GCI
TIMEOUT
——
START
IDMA
MCC STOP
RX
——
1010
ATM
TRANSMIT
COMMAND
1
USB STOP
TX
ENDPOINT
RESET
BCS
—
GCI
ABORT
REQUEST
——
—
—
—
—
1011
—
USB
RESTART
TX
ENDPOINT
——
—
—
—
STOP
IDMA
——
—
1100
—
—
——
—
—
—
—
—
—
RANDOM
NUMBER
1101
IMA2
VERSION
CHANGE
——
—
—
—
—
—
—
—
—
11XX
Undefined. Reserved for use by Freescale-supplied RAM microcodes.
1 See FCC1 and FCC2 in SBC[6-10] in Table 13-6. Not available on the MPC8270.
2 MPC8280 only.
Table 14-8. Command Descriptions
Command
Description
INIT TX AND RX
PARAMS
Initialize transmit and receive parameters. Initializes the transmit and receive parameters in the
parameter RAM to the values that they had after the last reset of the CP. This command is especially
useful when switching protocols on a given peripheral controller.
INIT MCC RX AND
TX PARAMS —
ONE CHANNEL
Initialize receive and transmit parameters. Initializes the receive and transmit parameters of the
peripheral controller. Differs from INIT RX AND TX PARAMS in that, for the MCCs, issuing INIT RX
AND TX PARAMS initializes 32 consecutive channels beginning with the channel number specified
in CPCR[MCN], but issuing INIT MCC RX AND TX—ONE CHANNEL initializes only the channel in
the command; see Section 29.7, “MCC Commands.”
INIT RX PARAMS
Initialize receive parameters. Initializes the receive parameters of the peripheral controller. Note that
for the MCCs, issuing this command initializes only 32 channels at a time; see Section 29.7, “MCC
Commands.”
INIT MCC RX
PARAMS
—
ONE CHANNEL
Initialize MCC receive parameters for only a single channel according to MCC channel number field.
See Section 29.7, “MCC Commands.”
Table 14-7. CP Command Opcodes (continued)
Opcode
Channel
FCC
USB
SCC
SMC (UART/
Transparent)
SMC
(GCI)
SPI
I2C
IDMA
MCC
Timer Special



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com