Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 561 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 561 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 561 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-11
Table 14-4 describes RTSCR fields.
14.3.9
RISC Time-Stamp Register (RTSR)
The RISC time-stamp register (RTSR), shown in Figure 14-5, contains the time stamp.
After reset, setting RTSCR[RTE] causes the time stamp to start counting microseconds from zero.
14.3.10 RISC Microcode Revision Number
Associated with each version of CPM microcode, is a number (REV_NUM) that uniquely identifies that
specific microcode. This number is hard-coded into the microcode which is stored in the CPM's internal
ROM. At power-up, the Communication Processor (CP) reads this number, and proceeds to store it into
04
5
6
15
Field
—
RTE
RTPS (Timer Prescale)
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x119DC
Figure 14-4. RISC Time-Stamp Control Register (RTSCR)
Table 14-4. RTSCR Field Descriptions
Bits
Name
Description
0–4
—
Reserved
5
RTE
Time stamp enable.
0 Disable time-stamp timer.
1 Enable time-stamp timer.
6–15
RTPS
Time-stamp timer pre-scale. Must be programmed to generate a 1-µs period input clock to the
time-stamp timer. (Time-stamp frequency = (CPM frequency)/(RTPS+2)
0
15
Field
Time Stamp
Reset
—
R/W
R
Addr
0x119E0
16
31
Field
Time Stamp
Reset
—
R/W
R
Addr
0X119E2
Figure 14-5. RISC Time-Stamp Register (RTSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com