Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 559 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 559 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 555Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 556Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 557Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 558Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 559Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 560Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 561Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 559 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-9
14.3.7
RISC Controller Configuration Register (RCCR)
The RISC controller configuration register (RCCR), as shown in Figure 14-3, configures the CP to run
microcode from ROM or RAM and controls the CP’s internal timer.
RCCR bit fields are described in Table 14-3.
.
0
1
2
7
8
9
10
11
12
13
14
15
Field TIME
MCCPR
TIMEP
DR1M DR2M DR1QP
EIE
SCD
DR2QP
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x119C4
16
19
20
21
22
23
24
25
26
27
28
29
30
31
Field
ERAM
EDM1 EDM2 EDM3
EDM4 DR3M DR4M DR3QP DEM12 DEM34 DR4QP
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0X119C6
Figure 14-3. RISC Controller Configuration Register (RCCR
Table 14-3. RISC Controller Configuration Register Field Descriptions
Bits
Name
Description
0
TIME
Timer enable. Enables the CP internal timer that generates a tick to the CP based on the value
programmed into the TIMEP field. TIME can be modified at any time to start or stop the scanning
of the RISC timer tables.
1
MCCPR
MCC request priority. Controls the priority of the MCCs in relation to the other communication
peripherals. See Table13-2. “Peripheral Prioritization,” for more information.
0 Original CPM priority scheme. MCCx priority behaves according to Table 13-2.
1 MCC priority remains at emergency level, priority level 4.
2–7
TIMEP
Timer period controls the CP timer tick. The RISC timer tables are scanned on each timer tick and
the input to the timer tick generator is the general system clock (133/166MHZ) divided by 1,024.
The formula is (TIMEP + 1)
× 1,024 = (general system clock period). Thus, a value of 0 stored in
these bits gives a timer tick of 1
× (1,024) = 1,024 general system clocks and a value of 63
(decimal) gives a timer tick of 64
× (1,024) = 65,536 general system clocks.
8, 9,
24, 25
DR
xMIDMAx request mode. Controls the IDMA request x (DREQx) sensitivity mode. DREQx is used to
activate IDMA channel
x. See Section 19.7, “IDMA Interface Signals.”
0 DREQ
x is edge sensitive (according to EDMx).
1 DREQ
x is level sensitive.
Note: When DRxM is set to level mode, EDMx determines if IDMA request is active high or active
low. Refer to description of RCCR[20–24].
Note: If RCCR[EIE] = 1, RCCR[DR1M] must be reset. No external interrupt occurs otherwise.
10–11,
14–15,
26–27,
30–31
DR
xQP
IDMA
x request priority. Controls the priority of DREQx relative to the communications controllers.
See Section 19.7, “IDMA Interface Signals.”
00 DREQ
x has more priority than the communications controllers (default).
01 DREQ
x has less priority than the communications controllers (option 2).
10 DREQ
x has the lowest priority (option 3).
11 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com