Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 566 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 566 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 562Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 566 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-16
Freescale Semiconductor
INIT TX PARAMS
Initialize transmit parameters. Initializes the transmit parameters of the peripheral controller. Note
that for the MCCs, issuing this command initializes only 32 channels at a time; see Section 29.7,
“MCC Commands.”
INIT TX PARAMS
—
ONE CHANNEL
Initialize MCC transmit parameters for only a single channel according to MCC channel number
field. See Section 29.7, “MCC Commands.”
ENTER HUNT
MODE
Enter hunt mode. Causes the receiver to stop receiving and begin looking for a new frame. The exact
operation of this command may vary depending on the protocol used.
STOP TX
Stop transmission. Aborts the transmission from this channel as soon as the transmit FIFO has been
emptied. It should be used in cases where transmission needs to be stopped as quickly as possible.
Transmission proceeds when the RESTART command is issued.
GRACEFUL STOP
TX
Graceful stop transmission. Stops the transmission from this channel as soon as the current frame
has been fully transmitted from the transmit FIFO. Transmission proceeds when the RESTART
command is issued and the R-bit is set in the next TxBD.
RESTART TX
Restart transmission. Once the STOP TX command has been issued, this command is used to
restart transmission at the current BD.
CLOSE RXBD
Close RxBD. Causes the receiver to close the current RxBD, making the receive buffer immediately
available for manipulation by the user. Reception continues using the next available BD. Can be
used to access the buffer without waiting until the buffer is completely filled by the SCC.
START IDMA
See Section 19.9, “IDMA Commands.”
STOP IDMA
See Section 19.9, “IDMA Commands.”
SET TIMER
Set timer. Activates, deactivates, or reconfigures one of the 16 timers in the RISC timer table.
SET GROUP
ADDRESS
Set group address. Sets a bit in the hash table for the Ethernet logical group address recognition
function.
GCI ABORT
REQUEST
GCI abort request. The GCI receiver sends an abort request on the E-bit.
GCI TIMEOUT
GCI time-out. The GCI performs the timeout function.
RESET BCS
Reset block check sequence. Used in BISYNC mode to reset the block check sequence calculation.
MCC STOP
TRANSMIT
See Section 29.7, “MCC Commands.”
MCC STOP
RECEIVE
See Section 29.7, “MCC Commands.”
MCC RESET
MCC reset. Provides a hard reset to the MCC FIFOs. See Section 29.7, “MCC Commands.” To use
this command, software should execute the following sequence:
1 Disable the TDM by clearing the appropriate enable bit in SIxGMR[4-7] (See Table 14-4,
“SIxGMR Field Descriptions.”).
2
Issue the MCC RSET command.
3
Issue the INIT RX AND TX command.
4 Reprogram the specific MCC channel, global parameters, and any BDs that need to be updated.
5
Set the appropriate enable bit in SIxGMR[4-7]. (See Table 14-4, “SIxGMR Field Descriptions.”).
ATM TRANSMIT
1
See Section 31.14, “ATM Transmit Command.”
Table 14-8. Command Descriptions (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com