Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 570 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 570 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 574Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 570 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-20
Freescale Semiconductor
The data RAM is designed to serve multiple requests—as long as the requests are not in the same bank—at
the same cycle.
Only the parameters in the parameter RAM require fixed addresses. The BDs, buffer data, and scratched
RAM can be located in the internal system RAM or in any unused parameter RAM, such as the area made
available when a serial channel or sub-block is not being used.
Microcode can be executed from the 32-Kbyte instruction RAM.
Figure 14-9 shows a memory map of the internal instruction RAM. Note that the addresses refer to CPU
address space.
Figure 14-9. Instruction RAM Partitioning
0X20000
CPM Instruction
0X21000
CPM Instruction
0X21800
CPM Instruction
0X22000
CPM Instruction
0X22800
CPM Instruction
0X23000
CPM Instruction
0X23800
CPM Instruction
0X28000
CPM Instruction /
0X24000
CPM Instruction
0X24800
CPM Instruction/
0X25000
2K
2K
2K
2K
2K
2K
2K
2K
2K
2K
CPM Instruction
2K
CPM Instruction
2K
0X20800
Reserved
Bank #1
Bank #2
Bank #3
Bank #4
Bank #5
Bank #6
Bank #7
Bank #8
Bank #10
Bank #9
Bank #15
Bank #16
0X27000
0X27800
CPM Instruction
2K
Bank #11
0X25800
CPM Instruction
2K
Bank #12
0X26000
CPM Instruction/
Bank #13
0X26800
CPM Instruction/
2K
Bank #14
0X2C000
Reserved
Trace Buffer
Trace Buffer
2K
Trace Buffer
Trace Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com