Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 571 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 571 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 575Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 571 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-21
14.5.1
Buffer Descriptors (BDs)
The peripheral controllers (FCCs, SCCs, SMCs, MCCs, SPI, and I2C) always use BDs for controlling
buffers and their BD formats are all the same, as shown in Table 14-9.
If the IDMA is used in the buffer chaining or auto-buffer mode, the IDMA channel also uses BDs. They
are described in Section 19.3, “IDMA Emulation.”
NOTE
The CPM accesses BDs by initiating a DMA cycle on either the 60x or local
bus. If BDs are located in DPRAM, the CPM initiates a cycle on the 60x bus
because DPRAM is a slave device on the 60x bus. Thus, a system design
should not plan to access the 60x bus simultaneously with DPRAM BD
fetches.
14.5.2
Parameter RAM
The CPM maintains a section of RAM called the parameter RAM, which contains many parameters for
the operation of the FCCs, SCCs, SMCs, SPI, I2C, USB and IDMA channels. An overview of the
parameter RAM structure is shown in Table 14-10.
The exact definition of the parameter RAM is contained in each protocol subsection describing a device
that uses a parameter RAM. For example, the Ethernet parameter RAM is defined differently in some
locations from the HDLC-specific parameter RAM.
Table 14-9. Buffer Descriptor Format
Address
Descriptor
Offset + 0
Status and control
Offset + 2
Data length
Offset + 4
High-order buffer pointer
Offset + 6
Low-order buffer pointer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com