Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 567 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 567 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 563Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 564Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 567 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-17
14.4.2
Command Register Example
To perform a complete reset of the CP, the value 0x8001_0000 should be written to the CPCR. Following
this command, the CPCR returns the value 0x0000_0000 after two clocks.
14.4.3
Command Execution Latency
The worst-case command execution latency is 200 clocks and the typical command execution latency is
about 40 clocks.
14.5
Dual-Port RAM
The CPM has 64 Kbytes of static RAM. This RAM is divided into two 32-Kbyte blocks of RAM.
•
32 Kbytes of CPM-RISC data RAM. This RAM is used to store CPM-RISC parameter RAM and
data structures
•
32 Kbytes CPM-RISC instructions RAM. This RAM is used to store a microcode package of up to
8 K instructions.
Figure 14-7 shows a block diagram of the internal RAM modules.
RANDOM NUMBER
Generate a random number and put it in dual-port RAM; see RAND in Table 14-10.
IMA VERSION
CHANGE2
IMA version change. This command allows users to change the IMA version (1.0 or 1.1) for one IMA
group on the fly without software intervention.
1 Not available on the MPC8270.
2 MPC8280 only.
Table 14-8. Command Descriptions (continued)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com