Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 569 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 569 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 565Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 566Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 567Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 568Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 569 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-19
Figure 14-8. Internal Data RAM Memory Map
The internal data RAM data bus is 64-bits wide. The RAM is used for six possible tasks:
•
To store parameters associated with the FCCs, SCCs, SMCs, SPI, I2C, USB, and IDMAs in the
2,048-byte parameter RAM
•
To store the BDs that describe where data is to be received and transmitted from
•
To store data from the serial channels (optional because data can also be stored externally in the
system memory)
•
Temporary storage between FCC FIFO and external memory for FCC data that is moved by BTM
(from/to FCC FIFO) and SDMA (to/from external memory)
•
For additional RAM space for user software
0X0000
BD / DATA
0X1000
BD / DATA
0X1800
BD / DATA
0Xs00
BD / DATA
0X2800
BD / DATA
0X3000
BD / DATA
0X3800
Parameter RAM
0X4000
BD / DATA
0X8000
Parameter RAM
0X8800
BD / DATA
0X9000
2K
2K
2K
2K
2K
2K
2K
2K
2K
2K
BD / DATA
2K
BD / DATA
2K
0X0800
Reserved
(Partly reserved
for future serials)
Bank #1
Bank #2
Bank #3
Bank #4
Bank #5
Bank #6
Bank #7
Bank #8
Bank #10
Bank #9
Bank #15
Bank #16
0XB000
0XB800
BD / DATA
2K
Bank #11
0X9800
BD / DATA
2K
Bank #12
0XA000
BD / DATA
2K
Bank #13
0XA800
BD / DATA
2K
Bank #14
0XC000
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com