Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 573 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 573 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 569Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 570Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 577Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 573 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-23
14.6
RISC Timer Tables
The CP can control up to 16 software timers that are separate from the four general-purpose timers and the
BRGs in the CPM. These timers are best used in protocols that do not require extreme precision, but in
which it is preferable to free the core from scanning the software’s timer tables. These timers are clocked
from an internal timer that only the CP uses. The following is a list of the RISC timer tables important
features.
•
Supports up to 16 timers.
•
Two timer modes: one-shot and restart.
•
Maskable interrupt on timer expiration.
•
Programmable timer resolution as fine as 7.7 µs at 133 MHz (6.17 µs at 166 MHz).
•
Maximum timeout period of 31.8 seconds at 133 MHz (25.5 seconds at 166 MHz).
•
Continuously updated reference counter.
All operations on the RISC timer tables are based on a fundamental tick of the CP’s internal timer that is
programmed in the RCCR. The tick is a multiple of 1,024 general system clocks; see Section 14.3.7,
“RISC Controller Configuration Register (RCCR).”
The RISC timer tables have the lowest priority of all CP operations. Therefore, if the CP is so busy with
other tasks that it does not have time to service the timer during a tick interval, one or more timer may not
be updated accurately. This behavior can be used to estimate the worst-case loading of the CP; see
Section 14.6.10, “Using the RISC Timers to Track CP Loading.”
The timer table is configured using the RCCR, the timer table parameter RAM, and the RISC controller
timer event/mask registers (RTER/RTMR), and by issuing SET TIMER to the CPCR.
14.6.1
RISC Timer Table Parameter RAM
Two areas of dual-port RAM, shown in Figure 14-10, are used for the RISC timer tables:
•
The RISC timer table parameter RAM
•
The RISC timer table entries



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com