Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 576 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 576 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 580Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 576 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
14-26
Freescale Semiconductor
14.6.5
SET TIMER
Command
The SET TIMER command is used to enable, disable, and configure the 16 timers in the RISC timer table
and is issued to the CPCR. This means the value 0x29E1008 should be written to CPCR. However, before
writing this value, the user should program the TM_CMD fields. See Section 14.6.2, “RISC Timer
Command Register (TM_CMD).”
14.6.6
RISC Timer Initialization Sequence
The following sequence initializes the RISC timers:
1. Configure RCCR to determine the preferred tick interval for the entire timer table. The TIME bit
is normally set at this time but can be set later if all RISC timers need to be synchronized.
2. Determine the maximum number of timers to be located in the timer table. Configure the
TM_BASE in the RISC timer table parameter RAM to point to a location in the dual-port RAM
with 4
× n bytes available, where n is the number of timers. If n is less than 16, use timer 0 through
timer n–1 to save space.
3. Clear the TM_CNT field in the RISC timer table parameter RAM to show how many ticks elapsed
since the RISC internal timer was enabled. This step is optional.
4. Clear RTER, if it is not already cleared. Write ones to clear this register.
5. Configure RTMR to enable the timers that should generate interrupts. Ones enable interrupts.
6. Set the RISC timer table bit in the SIU interrupt mask register (SIMR_L[RTT]) to generate
interrupts to the system. The SIU interrupt controller may require other initialization not mentioned
here.
7. Configure the TM_CMD field of the RISC timer table parameter RAM. At this point, determine
whether a timer is to be enabled or disabled, one-shot or restart, and what its timeout period should
be. If the timer is being disabled, the parameters (other than the timer number) are ignored.
8. Issue the SET TIMER command by writing 0x29E1_0008 to the CPCR.
9. Repeat the preceding two steps for each timer to be enabled or disabled.
0123456789
10
11
12
13
14
15
Field TMR
15
TMR
14
TMR
13
TMR
12
TMR
11
TMR
10
TMR
9
TMR
8
TMR
7
TMR
6
TMR
5
TMR
4
TMR
3
TMR
2
TMR
1
TMR
0
Reset
0000_0000_0000_0000
R/W
R/W
Addr
0x119D6 (RTER)/0x119DA (RTMR)
Figure 14-12. RISC Timer Event Register (RTER)/Mask Register (RTMR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com