Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 575 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 575 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 571Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 572Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 573Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 574Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 575Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 576Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 577Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 579Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 575 / 1386 page
background image
Communications Processor Module Overview
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
14-25
14.6.2
RISC Timer Command Register (TM_CMD)
Figure 14-11 shows the RISC timer command register (TM_CMD).
TM_CMD fields are described in Table 14-12.
14.6.3
RISC Timer Table Entries
The 16 timers are located in the block of memory following the TM_BASE location; each timer occupies
4 bytes. The first half-word forms the initial value of the timer written during the execution of the SET
TIMER
command and the next half-word is the current value of the timer that is decremented until it reaches
zero. These locations should not be modified by the user. They are documented only as a debugging aid
for user code. Use the SET TIMER command to initialize table values.
14.6.4
RISC Timer Event Register (RTER)/Mask Register (RTMR)
The RTER is used to report events recognized by the 16 timers and to generate interrupts. RTER can be
read at any time. Bits are cleared by writing ones; writing zeros does not affect bit values.
The RISC timer mask register (RTMR) is used to enable interrupts that can be generated in the RTER.
Setting an RTMR bit enables the corresponding interrupt in the RTER; clearing a bit masks the
corresponding interrupt. An interrupt is generated only if the RISC timer table bit is set in the SIU interrupt
mask register; see Section 4.3.1.5, “SIU Interrupt Mask Registers (SIMR_H and SIMR_L).”
01
2
11
12
15
Field
VR
—
TN
16
31
Field
TIMER PERIOD (TP)
Figure 14-11. RISC Timer Command Register (TM_CMD)
Table 14-12. TM_CMD Field Descriptions
Bits
Name
Description
0
V
Valid. This bit should be set to enable the timer and cleared to disable it.
1
R
Restart. Should be set for an automatic restart or cleared for a one-shot operation of the timer.
2–11
—
Reserved. These bits should be written with zeros.
12–15
TN
Timer number. A value from 0–15 signifying which timer to use—an offset into the timer table entries.
16–31
TP
Timer period. The 16-bit timeout value of the timer is zero-based. The minimum value is 1 and is
programmed by writing 0x0000 to the timer period.The maximum value of the timer is 65,536 and is
programmed by writing 0xFFFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com