Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8280 Datasheet(PDF) 582 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 582 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 578Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 579Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 580Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 581Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 582Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 583Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 584Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 585Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 586Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 582 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
15-4
Freescale Semiconductor
For the MCC route, the SI performs the following features:
•
Up to 128 independent communication channels (64-Kbps per channel)
•
Arbitrary mapping of any TDM time slots
•
Can connect up to four independent TDM channels. Each TDM channel can support up to 128
channels (all four channels can support up to 128 channels together).
•
Independent mapping for receive/transmit
•
Individual channel echo or loop mode
•
Global echo or loop mode through the SI
15.2
Overview
The TSA implements both internal route selection and time-division multiplexing (TDM) for multiplexed
serial channels. The TSA supports the serial bus rate and format for most standard TDM buses, including
T1 and E1 highways, pulse-code modulation (PCM) highway, and the ISDN buses in both basic and
primary rates. The two popular ISDN basic rate buses (interchip digital link (IDL) and general-circuit
interface (GCI), also known as IOM-2) are supported.
Because each SI supports four TDMs, it is possible to simultaneously support a combination of up to eight
T1 or E1 lines, and basic rate or primary rate ISDN channels.
The TDMa channel can support E3 or DS-3 rates as a clear channel in a parallel-nibble interface (FCC in
HDLC mode, clock ratio 1/6) or serial interface (clock ratio 1/4).
TSA programming is independent of the protocol used. The serial controllers can be programmed for any
synchronous protocol without affecting TSA programming. The TSA simply routes programmed portions
of the received data frame from the TDM pins to the target controller, while the target controller handles
the received data in the actual protocol.
In its simplest mode, the TSA identifies the frame using one sync pulse and one clock signal provided
externally by the user. This can be enhanced to allow independent routing of the receive and transmit data
on the TDM. Additionally, the definition of a time-slot need not be limited to 8 bits or even to a single
contiguous position within the frame. Finally, the user can provide separate receive and transmit syncs as
well as clocks. Figure 15-2 shows example TSA configurations ranging from the simplest to the most
complex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com